Part Number Hot Search : 
BPD2E CM3106 2SDXXX AP3216HC T82V2 MUR16 TC74AC 203500G
Product Description
Full Text Search
 

To Download AR2505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
BUTTON AUTOMOTIVE RECTIFIER
AR2505 THRU AR258 ARS2505 THRU ARS258 FEATURES
* * * * VOLTAGE RANGE CURRENT 50 to 600 Volts 25.0 Amperes
AR
.185(4.7) .165(4.2) .185(4.7) .165(4.2) .250(6.4) .235(6.0)
ARS
Low Leakage Low forward voltage drop High current capability High forward surge current capacity
.250(6.4) .235(6.0)
MECHANICAL DATA
* * * * * *
Case: transfer molded plastic Epoxy: UL94V-0 rate flame retardant Lead: Plated slug , solderable per MIL-STD-202 Emethod 208C Polarity: Color ring denotes cathode end Mounting Position: any Weight: 0.064 ounces, 1.82 grams
.225(5.7)DIA .215(5.5)TYP
.410(10.4)DIA .380(9.7)TYP
.225(5.7)DIA .215(5.5)TYP
.346(8.8)DIA .327(8.2)TYP
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25 ambient temperature unless otherwise specified Single Phase, half wave, 60HZ, resistive or inductive load For capacitive load derate current by 20%
SYMBOLS AR2505 ARS2505 50 35 50 AR251 ARS251 100 70 100 AR252 ARS252 200 140 200 25.0 AR254 ARS254 400 280 400 AR256 ARS256 600 420 600 AR258 ARS258 800 560 800 UNIT Volts Volts Volts Amps
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current, At Tc=110 Peak Forward Surge Current 3.3mS single half sine wave superimposed on Rated load (JEDEC method) Maximum instantaneous Forward Voltage at 80A Maximum DC Reverse Current at Rated TA=25 DC Blocking Voltage per element TA=100 Typical Thermal Resistance Operating and Storage Temperature Range Polarity and voltage demotion color band
VRRM VRMS VDC IO
IFSM VF IR RJC TJ,TSTG Red Yellow
400 1.1 5.0 250 1.0 (-65 to +175) Silver Green Green Blue
Amps Volts UA /W
Notes:
1. Enough heatsink must be considered in application.
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
www..com
BUTTON AUTOMOTIVE RECTIFIER
AR2505 THRU AR258 ARS2505 THRU ARS258
VOLTAGE RANGE CURRENT 50 to 600 Volts 25.0 Amperes
RATINGS AND CHARACTERISTIC CURVES
F1G.1 TYPICAL FORWARD CURRENT DERATING GURVE
AVERAGE FORWARD CURRENT, (A)
AR2505 THRU AR258 ARS2505 THRU ARS258
F1G.2 MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
400 30 25
PEAK FORWARD SURGE CURRENT,(A)
8.3ms Single Half Sine-Wave 300 (JEDEC Method) Tj=Tj max
20
200
Single Phase Half Wave 60Hz 10 Resistive or Inductive Load 0.375(9.5mm) Lead Length
100 0
1 Cycle 1 2 4 6 8 10 20 40 60 100
5 0 25 50 75
110 100
125
150
175
NUMBER OF CYCLES AT 60 Hz
CASE TEMPERATURE, ()
F1G.3 TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
1000
F1G.4 FORWARD ROWER DISSIPATION
AVERAGE POWER DISSIPATION (W)
60
INSTANTANEOUS FORWARD CURRENT, (A)
100
40 SQUARE WAVE
20
10
0 0 10 20 30 40 50
T1=25 PULSE WIDTH=300S 1%DUTY CYCLE 1.0
AVERAGE FORWARD CURRENT, (A)
0.1 0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
INSTANTANEOUS FORWARD VOLTAGE,(V)
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of AR2505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X